PART |
Description |
Maker |
2100HT-150-V-RC 2100HT-101-V-RC 2100HT-102-H-RC 21 |
Inductor, Toroidal 1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1000 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR High Temperature, High Current Toroid Inductors DC/DC converters EMI fi lters
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions Bourns Electronic Solut...
|
2317-H-RC 2318-H-RC 2315-H-RC 2301-H-RC 2307-V-RC |
Toroidal Inductor; Series:2300; Inductance:270uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.5A; DC Resistance Max:0.060ohm; Leaded Process Compatible:Yes 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.2A; DC Resistance Max:0.067ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.8A; DC Resistance Max:0.078ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:10uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:20A; DC Resistance Max:0.005ohm; Leaded Process Compatible:Yes 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:33uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:11.7A; DC Resistance Max:0.013ohm; Leaded Process Compatible:Yes 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
2XF0250-VP |
TOROIDAL INDUCTOR
|
XFMRS Inc.
|
TBH-350M-3A-6026 |
TOROIDAL INDUCTOR
|
Superworld Electronics
|
3XF2926-VP5 |
TOROIDAL INDUCTOR
|
XFMRS Inc.
|
TBC0806 TBC0806-120M-26 TBC0806-120M-52 |
TOROIDAL INDUCTOR
|
Superworld Electronics
|
XF0357-VO1 |
TOROIDAL INDUCTOR
|
XFMRS Inc.
|
2XF0075-VP |
TOROIDAL INDUCTOR
|
XFMRS Inc.
|
2316-H 2305-H |
INDUCTOR TORD HI AMP 220UH HORZ 1 ELEMENT, 220 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:22uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:16.4A; DC Resistance Max:0.007ohm; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
3M Company BOURNS INC
|
|